PART |
Description |
Maker |
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
MC74LVX138 MC74LVX125 MC74LVX125D MC74LVX125DT MC7 |
3-TO-8 LINE DECODER WITH 5V-TOLERANT INPUTS LOW-VOLTAGE CMOS From old datasheet system
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
ADG742 ADG742BKS ADG741BKS ADG741 ADG741BKS-REEL A |
CMOS Low Voltage SPST (NC) Switch in SC-70 Package CMOS Low Voltage SPST (NO) Switch in SC-70 Package From old datasheet system CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
|
AD[Analog Devices]
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT28LV64B DOC233 AT28LV64B-20JC AT28LV64B-20TC AT2 |
64K (8K x 8) Low Voltage CMOS From old datasheet system 64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection
|
ATMEL[ATMEL Corporation]
|
MC74LCX245 MC74LCX245-D |
Low-Voltage CMOS Octal Transceiver With 5 V-Tolerant Inputs and Outputs (3-State, Inverting) Low-Voltage CMOS Octal Transistor
|
ONSEMI[ON Semiconductor]
|
MAX4646EUK-T MAX4646EUA MAX4646EUT-T MAX4645 MAX46 |
Fast.Low-Voltage.2.5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.SPST.CMOS Analog Switches Low-Voltage, 2.5, Spst, CMOS Analog Switches
|
Maxim Integrated Products, Inc.
|
ADG801 ADG801BRT ADG802BRT ADG801BRM ADG802 ADG802 |
<0.5 ohm CMOS, Low Voltage, SPST Switches <0.5 ohm CMOS, Low Voltage, SPST Switches <0.5 ohm CMOS, Low Voltage, SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6 <0.5 ohm CMOS/ Low Voltage/ SPST Switches <0.5 ohm CMOS, Low Voltage, SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 <0.5 ohm CMOS/ Low Voltage/ SPST Switches
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
TS9009SCX5 TS9009 TS90095CX5 TS9009NCX5 TS9009PCX5 |
Analog IC: Low Drop Out Voltage Regulators 80mA CMOS Low Dropout Voltage Regulator with Enable 80mA的CMOS低压差线性稳压器的启
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Compan...
|